Part Number Hot Search : 
K1525C DPF2710T TDA485 TKA1212D LMDG11W MHW9247A UPD44 6005D
Product Description
Full Text Search
 

To Download GBPC3512W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I27505 rev. E 02/01
GBPC.. Series
SINGLE PHASE BRIDGE Features
Universal, 3 way terminals: push-on, wrap around or solder High thermal conductivity package, electrically insulated case Polarity symbols are moulded on body of the plastic box Center hole fixing Glass passivated diode chips Excellent power/ volume ratio Nickel plated terminals suitable for High Temperature soldering at 250 - 260C max. time 8 - 10 seconds Wire lead version available UL E 62320 approved
Power Modules
25 A 35 A
Description
A range of extremely compact, encapsulated single phase bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and instrumentation applications.
Major Ratings and Characteristics
Parameters
IO @ TC IFSM @50Hz @60Hz I2t @50Hz @60Hz VRRM TJ range
GBPC25
25 60 400 420 790 725
GBPC35
35 55 475 500 1130 1030
Units
GBPC...A A
o
C
A A A2s A2s V
o
200 to 1200 -55 to 150
C
GBPC...W
www.irf.com
1
GBPC.. Series
Bulletin I27505 rev. E 02/01
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code VRRM , max repetitive peak AC rev. voltage
TJ = TJ max.
VRSM , max non-repetitive peak AC rev. voltage
TJ = TJ max.
IRRM max.
@ rated VRRM TJ = TJ max.
IRRM max.
D.C. rev. curr.
V
V
mA
2 2 2 2 2 2
@ T= 125C (A)
500 500 500 500 500 500
02 GBPC25/35..A GBPC25/35..W (*) 04 06 08 10 12
200 400 600 800 1000 1200
275 500 725 900 1100 1300
(*) please see Ordering Information Table - page 3
Forward Conduction
Parameters
IO Maximum DC output current @ Case temperature IFSM Maximum peak, one-cycle non-repetitive forward current GBPC25 25 20 60 400 420 335 350 I2t Maximum I2t for fusing 790 725 560 512 I2t VF(TO)1 VF(TO)2 rt1 rt2 VFM I RRM VINS Maximum I2t for fusing Low-level of threshold voltage High-level of threshold voltage Low-level forward slope resistance High-level forward slope resistance Maximum forward voltage drop Max. DC reverse current RMS isolation voltage base plate 7.9 0.76 0.89 8.2 6.8 1.1 5.0 2700 GBPC35 35 28 55 475 500 400 420 1130 1030 800 730 11.3 0.77 0.92 4.852 3.867 1.1 5.0 2700 V A V m A2s
Units Conditions
A A C A t = 10ms t = 10ms t = 10ms t = 10ms No voltage 100% VRRM No voltage 100% VRRM Initial TJ =TJmax. t = 8.3ms reapplied t = 8.3ms reapplied t = 8.3ms reapplied t = 8.3ms reapplied KA2s I2t for time tx = I2t x tx ; 0.1 tx 10ms, VRRM = 0V V (16.7% x x IF(AV) < I < x IF(AV)), @ TJ max. (I > x IF(AV)), @ TJ max. (16.7% x x IF(AV) < I < x IF(AV)), @ TJ max. (I > x IF(AV)), @ TJ max. TJ = 25 oC, I
FM
Resistive or inductive load Capacitive load
= IFavg (arm)
TJ = 25 oC, per diode at VRRM f = 50 Hz, t = 1s
2
www.irf.com
GBPC.. Series
Bulletin I27505 rev. E 02/01
Thermal and Mechanical Specifications
Parameters
TJ Junction temperature range 1.7 0.2 16 2.0 GBPC25 GBPC35
Units Conditions
o o
-55 to 150 -55 to 150 1.4
C C Per leg Mounting surface , smooth, flat and greased Bridge to heatsink
Tstg Storage temperature range RthJC Max. thermal resistance junct. to case RthCSMax. thermal resist., case to heatsink wt T Approximate weight Mounting Torque 10%
K/W K/W g Nm
Ordering Information Table
Device Code
GBPC 1
1 2 3 4 -
35 2
12 3
A 4
Circuit configuration: Single phase bridge coding Current rating code: Voltage Code: code x 100 = VRRM Diode bridge rectifier: A = Standard Fasten Terminal W = Wire Lead 25 35 = = 25A (Avg) 35A (Avg)
Outline Table
GBPC...A GBPC...W
All dimensions are in millimeters
www.irf.com
3
GBPC.. Series
Bulletin I27505 rev. E 02/01
Maximum Allowable Case Temperature (C)
150 140 130 120 110 100 90 80 70 60 50 0 5 10 15 20 25 30
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
1000
GBPC25.. Series
Instantaneous Forward Current (A)
100
TJ = 25C
180 (Rect) 180 (Sine)
10
T J = 150C
GBPC25.. Series
1 0.5
1
1.5
2
2.5
Instantaneous Forward Voltage (V)
Fig. 2 - Forward Voltage Drop Characteristics
Maximum Average Forward Power Loss (W)
50 40 30 20 10 0 0 5 10 15 20 25 50 75 100
Average Forward Current (A) Maximum Allowable Ambient Temperature C
GBPC25.. Series T J = 150C 180 (Sine) 180 (Rect)
R
thS A
=0
.7
1K
2K
3K
K/W
/W
-D
elt
aR
/W
/W
Fig. 3 - Total Power Loss Characteristics
Peak Half Sine Wave Forward Current (A)
Peak Half Sine Wave Forward Current (A)
400 350 300 250 200 150 100
At Any Rated Load Condition And With Rated V RRM Applied Following Surge. Initial TJ = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
400 350
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T J = 150C No Voltage Reapplied Rated V RRM Reapplied 300
250 200 150 100 50 0.01 GBPC25.. Series 0.1
Pulse Train Duration (s)
Fig. 5 - Maximum Non-Repetitive Surge Current
GBPC25.. Series 1 10 100
1
Number of Equal Amplitude Half Cycle Current Pulses (N) Fig. 4 - Maximum Non-Repetitive Surge Current
4
www.irf.com
GBPC.. Series
Bulletin I27505 rev. E 02/01
Maximum Allowable Case Temperature (C)
150
GBPC35.. Series
Instantaneous Forward Current (A)
1000
140 130 120 110 100 90 80 70 60 50 40 0 10
100
TJ = 25C
180 (Rect) 180 (Sine)
10
TJ = 150C
GBPC35.. Series
20
30
40
1 0.5
1
1.5
2
2.5
3
Average Forward Current (A)
Fig. 6 - Current Ratings Characteristics
Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
Maximum Average Forward Power Loss (W)
80 70 60 50 40 30 20 10 0 0 5 10 15 20 25 30 35 25
GBPC35.. Series T J = 150C 180 (Sine) 180 (Rect)
R th
0.7 1 K/ W
SA
= 0.
5K
/W
K/W
- De
lta R
2 K/W
3 K/W
50
75
100
Average Forward Current (A)
Maximum Allowable Ambient Temperature C
Fig. 8 - Total Power Loss Characteristics
Peak Half Sine Wave Forward Current (A)
Peak Half Sine Wave Forward Current (A)
450 400 350 300 250 200 150 100 1
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
500 450
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial Tj = 150C No Voltage Reapplied 400 Rated Vrrm Reapplied
350 300 250 200 150 100 0.01
GBPC35.. Series
GBPC35.. Series
10
100
0.1
Pulse Train Duration (s)
1
Number of Equal Amplitude Half Cycle Current Pulses (N) Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
www.irf.com
5
GBPC.. Series
Bulletin I27505 rev. E 02/01
Transient Thermal Impedance Z thJC (K/W) Transient Thermal Impedance ZthJC (K/W)
10
Steady State Value R thJC = 1.7 K/W (DC Operation)
10
Steady State Value R thJC = 1.4 K/W (DC Operation)
1
1
0.1
0.1
0.01
GBPC25.. Series
0.01
GBPC35.. Series
0.001 0.001
0.01
0.1
1
10
100
.001 0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Fig. 11 - Thermal Impedance ZthJC Characteristic
Square Wave Pulse Duration (s)
Fig. 12 - Thermal Impedance ZthJC Characteristic
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 02/01
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of GBPC3512W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X